Part Number Hot Search : 
C1700 CAT25C04 C1502 01502 AP1684A 2SD21 LL4001 02100
Product Description
Full Text Search
 

To Download 57070103313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 power entry modules with line filter 5707 www.schurter.com/pg06 emc products iec appliance inlet c14 or c18 with filter, protection degree ip65 into the appliance, fuseholder 1- or 2-pole, front or rear mounting 5707.xxxx.xx2 mounting from front side 5707.xxxx.xxx.22 with ip 54 v-lock cord con - nection 5707 with ip 54 inlet gasket medical fuse drawer c14 70 c c18 70 c description - panel mount: screw-on version from front or rear side, screws with sealing are inclu- ded - 4 functions: appliance inlet protection class i or ii, line filter in standard and medi- cal version, fuseholder for fuse-links 5 x 20 mm, ip 65 protection into the appliance - for front side mounting versions a sealing kit ip 54 for the power sup - ply connection is available as an accessory: 4700.0021 - option suffix ".22" offers ip54 for the power input in combination with v-lock cordsets - quick connect terminals 6.3 x 0.8 mm approvals - vde certificate number: 40016382 - ul file number: e72928 characteristics - extreme robust design - all single elements are already wired - screw type fuse carrier, slotted - with emc-shield - especially for applications in rough environments - suitable for use in equipment according to iec/ul 60950 suitable for use in medical equipment according to iec/ul 60601-1 other versions on request - with solder terminals - class x1- and y1-capacitors for enhanced withstand voltage - medical version m80 - additional factory-mounted sealing (ip54) of power input - version with current rating 3 a weblinks pdf-datasheet, html-datasheet, general product information, approvals, ce declaration of conformity , rohs, china-rohs, reach, mating connectors, e-shop, schurter-stock-check, distributor-stock- check, cad-drawings, accessories, wire harnessing, detailed request for product newly available variants corresponding to v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. newly available variants corresponding to v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. technical data ratings iec 1 - 8 a @ ta 40 c / 250 vac; 50 hz ratings ul/csa 1 - 8 a @ ta 40 c / 125 vac; 60 hz leakage current standard < 0.5 ma (250 v / 60 hz) medical < 5 a (250 v / 60 hz) dielectric strength > 1.7 kvdc between l-n > 2.7 kvdc between l/n-pe test voltage (2 sec) allowable operation temp. -25 c to 85 c climatic category 25/085/21 acc. to iec 60068-1 degree of protection from front side ip 65 acc. to iec 60529 from rear-side ip 65 acc. to iec 60529 protection class suitable for appliances with protection class i or ii acc. to iec 61140 terminal quick connect terminals 6.3 x 0.8 mm panel thickness s screw, max 3 mm mounting screw torque max 0.8 nm 2 screws m3 with sealing are provided material: housing black / white / metallic, ul 94v-0 appliance-inlet/-outlet c14 / c18 acc. to iec 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 8 a, protection class i or ii fuseholder 1 or 2 pole, shocksafe category pc2 acc. to iec 60127-6, for fuse-links 5 x 20 mm rated power acceptance @ ta 23 c 5 x 20: 1.6 w 1-pole/ 1,2 w 2-pole per pole power acceptance @ ta > 23c admissible power acceptance at higher ambient temperature see derating cur - ves line filter standard and medical version, iec 60939, ul 1283, csa c22.2 no. 8 technical details mtbf > 2'800'000 h acc. to mil-hb-217 f
2 power entry modules with line filter 5707 www.schurter.com/pg06 emc products dimensions mounting from front side ? 3.4 32.2 29.2 36 30 12 43.6 29 r3.2 0.5 33 42 +0.20 0 +0.20 0 0.15 r4.5 51 r1.5 59.6 36 3.5 ? 3.2 32 0.20 0.20 r2.5 mounting from rear side r1.5 ? 3.4 33.5 30.5 36 30 12 43.6 29 r3.2 0.5 33 42 +0.20 0 +0.20 0 0.15 r4.5 51 r1.5 59.6 36 3.5 3x0.5 32 0.20 0.20 r1 assembly instructions mounting sealing kit ip 54 for the power supply (only for frontside moun - ting) 3) 7) 4) 5) 2) 6) 1) 1) power entry module with factory-mounted inlet gasket 2) chassis 3) pillar 4) gasket ring 5) crinkle washer 6) nut 7) retaining clip mating cordsets to sealing kit p art no countr y plug cable length cross section color 6000.0214 open end 2.0 m 3x1 mm2 black 6003.0215 euro plug 2.5 m 3x1 mm2 black 6004.0215 euro plug 2.5 m 3x1 mm2 black 6007.0212 euro plug 1.0 m 3x1 mm2 black 6007.0214 iec plug 2.0 m 3x1 mm2 black 6004.0114 euro plug 2.0 m 3x0.75 mm2 black 6026.0215 italy 2.5 m 3x1 mm2 black 6009.1315 north america 2.5 m 3x18 aw g black 6047.6414 north america 2.0 m 3x0.75 mm2 black 6009.1214 north america 2.0 m 3x18 aw g black 6011.0215 switzerland 2.5 m 3x1 mm2 black 6044.0215 united kingdom 2.5 m 3x1 mm2 black
3 power entry modules with line filter 5707 www.schurter.com/pg06 emc products mounting standard version 2 bc 2 3 1 4 1 a 3/4 2 1 a) front view b) detail front mounting type c) detail rear mounting type 1) sealing of flange 2) sealing of fuseholder 3) sealing of screw hole (front mounting type: sealing ring on screw head) 4) sealing of screw hole (rear mounting type: sealing on screw thread) important: - use supplied fuse caps (2) and mounting screws (3/4) - optimal sealing requires even and solid panel opening - recommended tightening torque for mounting screws (2/3/4): 0.5-0.8 nm - ip65 protection between the inlet and connector pins, but no ip rating between the connector pins and the plug of the power cord! technical data of filter-components rated current [a] filter-type inductances l [mh] capacitance cx [nf] capacitance cy [nf] r [m? ] 1 standard version 2 x 12 100 2.2 1 2 standard version 2 x 5.2 100 2.2 1 4 standard version 2 x 2 100 2.2 1 6 standard version 2 x 0.8 100 2.2 1 8 standard version 2 x 0.4 100 2.2 1 1 medical version (m5) 2 x 12 100 - 1 2 medical version (m5) 2 x 5.2 100 - 1 4 medical version (m5) 2 x 2 100 - 1 6 medical version (m5) 2 x 0.8 100 - 1 8 medical version (m5) 2 x 0.4 100 - 1 2 medical version (m80) 2 x 5.2 100 0.47 1 diagrams standard version l2 l1 l n pe l' n' pe' 2) 1) f2 f1 cx r cy cy 1) line 2) load medical version m5 l2 l1 f2 f1 l' n' pe' l n pe 2) 1) cx r 1) line 2) load
4 power entry modules with line filter 5707 www.schurter.com/pg06 emc products derating curves 1-pole admissible power acceptance in watt 02 04 06 08 0 100 0.2 0.0 i = << i n i = 0.7 i n i = 1.0 i n 1.6 0.6 0.4 0.8 1.2 1.0 1.4 ambient air temperature t a c 2-pole admissible power acceptance in watt 02 04 06 08 0 100 0.0 i = << i n i = 0.7 i n i = 1.0 i n 1.2 0.2 0.4 0.8 0.6 1.0 ambient air temperature t a c attenuation loss - - - - 50? differential mode _____ 50? common mode standard version 1 a 2 a 4 a 6 a 8 a medical version (m5) 1 a 2 a 4 a 6 a 8 a
5 power entry modules with line filter 5707 www.schurter.com/pg06 emc products all variants rated cur - rent [a] filter-type mounting side protection class fuseholder color order number 1 standard version front side i 1-pole black 5707.0101.112 1 standard version rear side i 1-pole black 5707.0101.113 2 standard version front side i 1-pole black 5707.0201.112 2 standard version rear side i 1-pole black 5707.0201.113 4 standard version front side i 1-pole black 5707.0401.112 4 standard version rear side i 1-pole black 5707.0401.113 6 standard version front side i 1-pole black 5707.0601.112 6 standard version rear side i 1-pole black 5707.0601.113 8 standard version front side i 1-pole black 5707.0801.112 8 standard version rear side i 1-pole black 5707.0801.113 1 standard version front side i 2-pole black 5707.0101.312 1 standard version rear side i 2-pole black 5707.0101.313 2 standard version front side i 2-pole black 5707.0201.312 2 standard version rear side i 2-pole black 5707.0201.313 4 standard version front side i 2-pole black 5707.0401.312 4 standard version rear side i 2-pole black 5707.0401.313 4 standard version rear side i 2-pole black 5707.0401.313.22 6 standard version front side i 2-pole black 5707.0601.312 6 standard version rear side i 2-pole black 5707.0601.313 8 standard version front side i 2-pole black 5707.0801.312 8 standard version front side i 2-pole black 5707.0801.312.01 8 standard version rear side i 2-pole black 5707.0801.313 8 standard version rear side i 2-pole black 5707.0801.313.21 1 medical version (m5) front side i 2-pole black 5707.0103.312 1 medical version (m5) rear side i 2-pole black 5707.0103.313 1 medical version (m5) rear side i 2-pole black 5707.0103.313.21 2 medical version (m5) front side i 2-pole black 5707.0203.312 2 medical version (m5) rear side i 2-pole black 5707.0203.313 2 medical version (m5) rear side i 2-pole black 5707.0203.313.21 4 medical version (m5) front side i 2-pole black 5707.0403.312 4 medical version (m5) rear side i 2-pole black 5707.0403.313 4 medical version (m5) rear side i 2-pole black 5707.0403.313.21 6 medical version (m5) front side i 2-pole black 5707.0603.312 6 medical version (m5) rear side i 2-pole black 5707.0603.313 6 medical version (m5) rear side i 2-pole black 5707.0603.313.21 6 medical version (m5) front side i 2-pole white 5707.0613.312 6 medical version (m5) front side i 2-pole white 5707.0613.312.21 6 medical version (m5) rear side i 2-pole white 5707.0613.313 6 medical version (m5) rear side i 2-pole white 5707.0613.313.21 8 medical version (m5) front side i 2-pole black 5707.0803.312 8 medical version (m5) front side i 2-pole black 5707.0803.312.22 8 medical version (m5) rear side i 2-pole black 5707.0803.313 8 medical version (m5) rear side i 2-pole black 5707.0803.313.21 1 medical version (m5) front side ii 2-pole black 5707.0103.412 1 medical version (m5) rear side ii 2-pole black 5707.0103.413 2 medical version (m5) front side ii 2-pole black 5707.0203.412 2 medical version (m5) rear side ii 2-pole black 5707.0203.413 4 medical version (m5) front side ii 2-pole black 5707.0403.412 4 medical version (m5) rear side ii 2-pole black 5707.0403.413 6 medical version (m5) front side ii 2-pole black 5707.0603.412 6 medical version (m5) rear side ii 2-pole black 5707.0603.413 8 medical version (m5) front side ii 2-pole black 5707.0803.412 8 medical version (m5) rear side ii 2-pole black 5707.0803.413 2 medical version (m80) front side i 2-pole black 5707.0205.312.01
6 power entry modules with line filter 5707 www.schurter.com/pg06 emc products rated cur - rent [a] filter-type mounting side protection class fuseholder color order number most popular. availability for all products can be searched real-time: http://www.schurter.com/stock-check/stock-check-schurter iin addition to the ip 65 sealing to the appliance (standard version), the power input can be protected from ingressing fluids and dust with ip 54. this option is for v-lock cordsets with suffix ".22" or for a cord with a retaining set with suffix ".01" available. the variant for ip54 with v-lock cordsets is for front and rear side mounting versions available (5707.xxxx.xxx.22). the variant for ip54 with cord retaining set is only for front mounting versions available (5707.xxxx.xxx.01). a cord retaining set is available for fixing the cord connector: 4700.0021 (sample 4700.0021.h) suffix ".21" corresponds to the version with v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. packaging unit 10 pcs accessories description wire harness wire harness for schurter products assorted covers rear cover 0859.0047 mating outlets/connectors category / description connector overview complete 4782 mounting: power cord, 3 x 1 mm2 / 3 x 18 awg, cable, connector: iec c13 4782 4022 mounting: power supply cord, 3 x 1.5 mm2, screw clamps, connector: iec c13 4022 4785 mounting: power cord, 3 x 1 mm2 / 3 x 18 awg, cable, connector: iec c13 4785 4300-06 mounting: power cord, 3 x 1 mm2 / 3 x 18 awg, cable, connector: iec c13 4300-06 4012 mounting: power supply cord, 3 x 1.5 mm2, screw clamps, connector: iec c13 4012 connector further types to 5707 ... interconnection cord overview complete cord sets 10 a, interconnection, 1.0 m, connector iec c13, cord end: 6007.0212 cord sets 10 a, interconnection, 2.0 m, connector iec c13, cord end: 6007.0214 interconnection cord further types to 5707
7 power entry modules with line filter 5707 www.schurter.com/pg06 emc products category / description power cord overview complete cord sets 10 a, interconnection, 2.0 m, iec cord end: 6007.0204 power cord further types to 5707 power supply cord overview complete cord sets 10 a, europlug, 2.5 m, connector iec c13, cord end: 6004.0215 cord sets 10 a, europlug, 2.5 m, connector iec c13, cord end: 6003.0215 cord sets 10 a, uninsulated wires, 2.0 m, connector iec c13, cord end: 6000.0224 cord sets 10 a, uninsulated wires, 2.0 m, connector iec c13, cord end: 6000.0214 cord sets 10 a, united kingdom, 2.5 m, connector iec c13, cord end: 6044.0215 power supply cord further types to 5707 ... power supply or interconnection cord overview complete cord sets 10 a, united kingdom, 2.0 m, connector iec cord end: 6044.0204 kabelverbindung 10 a, united kingdom, 2.0 m, connector iec c13, cord end: 6045.0114 kabelverbindung 10 a, diverse, diverse m, connector iec c13, cord end: 6003.0205 kabelverbindung 10 a, diverse, diverse m, connector iec c13, cord end: 6026.0205 kabelverbindung 10 a, diverse, diverse m, connector iec c13, cord end: 6049.0007 power supply or interconnection cord further types to 5707 mating outlets/connectors shuttered power cord overview complete vac17ks, north america, v-lock cord retaining, 2.0 m, connector c17, cord end: 6051.2801 vac17ks, north america, v-lock cord retaining, 2.0 m, connector c17, cord end: 6051.2811 vac17ks, europlug, v-lock cord retaining, 2.0 m, connector iec c17, cord end: 6051.2803 vac17ks, europlug, v-lock cord retaining, 2.0 m, connector iec c17, cord end: 6051.2813 vac13ks, overview, diverse connector iec c13, cord end: vac13ks power cord further types to 5707 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 19.01.2016


▲Up To Search▲   

 
Price & Availability of 57070103313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X